データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186 データシート(PDF) 89 Page - Advanced Micro Devices

部品番号 AM186
部品情報  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 データシート(HTML) 89 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 85Page - Advanced Micro Devices AM186 Datasheet HTML 86Page - Advanced Micro Devices AM186 Datasheet HTML 87Page - Advanced Micro Devices AM186 Datasheet HTML 88Page - Advanced Micro Devices AM186 Datasheet HTML 89Page - Advanced Micro Devices AM186 Datasheet HTML 90Page - Advanced Micro Devices AM186 Datasheet HTML 91Page - Advanced Micro Devices AM186 Datasheet HTML 92Page - Advanced Micro Devices AM186 Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
89
DRAF
T
Interrupt Acknowledge Cycle Waveforms
CLKOUTA
t1
t2
t3
t4
tW
S2–S0
Status
ALE
AD15–AD0*,
AD7–AD0**
INTA1–INTA0
DEN
DT/R
Ptr
Address
A19–A0
S6
S6
BHE*
BHE
8
1
2
3
4
7
9
10
11
12
15
19
20
22
22
22
68
31
(a)
(b)
(c)
(d)
S6
21
Notes:
*
Am186ER microcontroller only
** Am188ER microcontroller only
a The status bits become inactive in the state preceding t4.
b The data hold time lasts only until the interrupt acknowledge signal deasserts, even if the interrupt acknowledge
transition occurs prior to tCLDX (min).
c This parameter applies to an interrupt acknowledge cycle that follows a write cycle.
d If followed by a write cycle, this change occurs in the state preceding that write cycle.
AO15–AO8**
Address
23
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More