データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186 データシート(PDF) 18 Page - Advanced Micro Devices

部品番号 AM186
部品情報  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 データシート(HTML) 18 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices AM186 Datasheet HTML 17Page - Advanced Micro Devices AM186 Datasheet HTML 18Page - Advanced Micro Devices AM186 Datasheet HTML 19Page - Advanced Micro Devices AM186 Datasheet HTML 20Page - Advanced Micro Devices AM186 Datasheet HTML 21Page - Advanced Micro Devices AM186 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
18
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
TQFP PIN ASSIGNMENTS—Am186™ER MICROCONTROLLER
(Sorted by Pin Name)
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
63
AD5
11
GND
93
S2
32
A1
62
AD6
14
HLDA
67
S6/CLKSEL1/PIO29
19
A2
60
AD7
17
HOLD
68
SCLK/PIO20
26
A3
59
AD8
2
INT0
79
SDATA/PIO21
23
A4
58
AD9
4
INT1/SELECT
78
SDEN0/PIO22
25
A5
57
AD10
6
INT2/INTA0
77
SDEN1/PIO23
24
A6
56
AD11
8
INT3/INTA1/IRQ
76
SRDY/PIO6
69
A7
55
AD12
10
INT4
75
TMRIN0/PIO11
98
A8
54
AD13
13
LCS/ONCE0
81
TMRIN1/PIO0
95
A9
53
AD14
16
MCS0/PIO14
73
TMROUT0/PIO10
97
A10
52
AD15
18
MCS1/PIO15
74
TMROUT1/PIO1
96
A11
51
ALE
30
MCS2
91
TXD
21
A12
50
ARDY
31
MCS3/RFSH
92
UCS/ONCE1
80
A13
49
BHE/ADEN
27
NMI
70
UZI/CLKSEL2/PIO26
20
A14
48
CLKOUTA
39
PCS0/PIO16
89
VCC
15
A15
47
CLKOUTB
40
PCS1/PIO17
88
VCC
38
A16
46
DEN/PIO5
72
PCS2/PIO18
86
VCC
44
A17/PIO7
45
DRQ0/PIO12
100
PCS3/PIO19
85
VCC
61
A18/PIO8
43
DRQ1/PIO13
99
PCS5/A1/PIO3
83
VCC
84
A19/PIO9
42
DT/R/PIO4
71
PCS6/A2/PIO2
82
VCC
90
AD0
1
GND
12
RD
29
WHB
65
AD1
3
GND
35
RES
94
WLB
66
AD2
5
GND
41
RXD
22
WR
28
AD3
7
GND
64
S0/SREN
34
X1
36
AD4
9
GND
87
S1/IMDIS
33
X2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More