データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS323D データシート(PDF) 32 Page - Advanced Micro Devices

部品番号 AM29BDS323D
部品情報  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D データシート(HTML) 32 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 28Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 29Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 30Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 31Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 32Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 33Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 34Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 35Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Am29BDS323D
P R E L I M INARY
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. A16–A20 are don’t care during command sequence unlock cycles.
Figure 12.
Program Operation Timings
OE#
CE#
A/DQ0:
A/DQ15
A16:A20
AVD
WE#
CLK
VCC
555h
A0h
PD
tAS
tWP
tAH
tWC
tWPH
PA
PA
tVCS
tCS
tDH
tCH
In
Progress
tWHWH1
VA
VA
Complete
VA
VA
Program Command Sequence (last two cycles)
Read Status Data
PS in
PS
tDS
VIH
VIL
tAVDP
valid only when PS mode is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44