データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS323D データシート(PDF) 41 Page - Advanced Micro Devices

部品番号 AM29BDS323D
部品情報  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D データシート(HTML) 41 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 43Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Am29BDS323D
41
P R E L I M INARY
PHYSICAL DIMENSIONS*
FDD047—47-Pin Fine-Pitch Ball Grid Array (FBGA) 7 x 10 mm package
* For reference only. BSC is an ANSI standard for Basic Space Centering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44