| データシートサーチシステム |
|
AM29F002B-55PC データシート(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F002B-55PC データシート(HTML) 21 Page - Advanced Micro Devices |
|
21 / 37 page ![]() Am29F002/Am29F002N 21 PR ELIMIN A R Y DC CHARACTERISTICS TTL/NMOS Compatible Notes: 1. RESET# is not available on Am29F002N. 2. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. 3. ICC active while Embedded Erase or Embedded Program is in progress. 4. Not 100% tested. Parameter Description Test Conditions Min Typ Max Unit ILI Input Load Current VIN = VSS to VCC, VCC = VCC max ±1.0 µA ILIT A9, OE#, RESET# Input Load Current (Notes 1, 4) VCC = VCC max; A9, OE#, RESET# = 12.5 V 50 µA ILO Output Leakage Current VOUT = VSS to VCC, VCC = VCC max ±1.0 µA ICC1 VCC Active Read Current (Note 2) CE# = VIL, OE# = VIH 20 30 mA ICC2 VCC Active Write Current (Notes 3, 4) CE# = VIL, OE# = VIH 30 40 mA ICC3 VCC Standby Current VCC = VCC max, CE#, OE# = VIH 0.4 1 mA ICC4 VCC Reset Current (Note 1) VCC = VCC max; RESET# = VIL 0.4 1 mA VIL Input Low Voltage –0.5 0.8 V VIH Input High Voltage 2.0 VCC + 0.5 V VID Voltage for Autoselect and Temporary Sector Unprotect VCC = 5.0 V 11.5 12.5 V VOL Output Low Voltage IOL = 12 mA, VCC = VCC min 0.45 V VOH Output High Voltage IOH = –2.5 mA, VCC = VCC min 2.4 V VLKO Low VCC Lock-Out Voltage 3.2 4.2 V |