データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F002B-55PC データシート(PDF) 28 Page - Advanced Micro Devices

部品番号 AM29F002B-55PC
部品情報  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002B-55PC データシート(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F002B-55PC Datasheet HTML 24Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 25Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 26Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 27Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 28Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 29Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 30Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 31Page - Advanced Micro Devices AM29F002B-55PC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Am29F002/Am29F002N
28
PR ELIMIN A R Y
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
20818C-15
Figure 12.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37