データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F200AB-150SC データシート(PDF) 27 Page - Advanced Micro Devices

部品番号 AM29F200AB-150SC
部品情報  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AB-150SC データシート(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F200AB-150SC Datasheet HTML 23Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 24Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 25Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 26Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 27Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 28Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 29Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 30Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Am29F200A
27
P R E L I M I NARY
AC CHARACTERISTICS
Word/Byte Configuration (BYTE#)
Parameter
-55
-70
-90
-120
-150
JEDEC
Std.
Description
Unit
tELFL/tELFH CE# to BYTE# Switching Low or High
Max
5
ns
tFLQZ
BYTE# Switching Low to Output HIGH Z
Max
20
20
20
30
35
ns
tFHQV
BYTE# Switching High to Output Active
Max
55
70
90
120
150
ns
DQ15
Output
Data Output
(DQ0–DQ7)
CE#
OE#
BYTE#
tELFL
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFLQZ
BYTE#
Switching
from word
to byte
mode
DQ15
Output
Data Output
(DQ0–DQ7)
BYTE#
tELFH
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFHQV
BYTE#
Switching
from byte
to word
mode
20637B-15
Figure 11.
BYTE# Timings for Read Operations
Note:
Refer to the Erase/Program Operations table for tAS and tAH specifications.
20637B-16
Figure 12.
BYTE# Timings for Write Operations
CE#
WE#
BYTE#
The falling edge of the last WE# signal
tHOLD (tAH)
tSET
(tAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39