データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F200AB-150SC データシート(PDF) 15 Page - Advanced Micro Devices

部品番号 AM29F200AB-150SC
部品情報  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AB-150SC データシート(HTML) 15 Page - Advanced Micro Devices

Back Button AM29F200AB-150SC Datasheet HTML 11Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 12Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 13Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 14Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 15Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 16Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 17Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 18Page - Advanced Micro Devices AM29F200AB-150SC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Am29F200A
15
P R E L I M I NARY
even at addresses within erasing sectors, since the
codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts to
the Erase Suspend mode, and is ready for another
valid operation. See “Autoselect Command Sequence”
for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the de-
vice has resumed erasing.
Notes:
1. See the appropriate Command Definitions table for erase
command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 3.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
20637B-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39