| データシートサーチシステム |
|
AM7996PC データシート(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7996PC データシート(HTML) 3 Page - Advanced Micro Devices |
|
3 / 18 page ![]() Am7996 3 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. Valid Combinations Valid combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM7996 D C DEVICE NUMBER/DESCRIPTION Am7996 IEEE 802.3/Ethernet/Cheapernet Transceiver OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In TR = Tape and Reel Packaging OPERATING CONDITIONS C = Commercial (0 °C to +70°C) PACKAGE TYPE P = 20-Pin Plastic DIP (PD 020) D = 20-Pin Ceramic DIP (CD 020) J = 20-Pin Plastic Leaded Chip Carrier (PL 020) SPEED Not Applicable B Valid Combinations AM7996 PC, PCB, DC, DCB, JC, JCTR |