| データシートサーチシステム |
|
AM7996PC データシート(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7996PC データシート(HTML) 15 Page - Advanced Micro Devices |
|
15 / 18 page ![]() AMD 15 Am7996 KEY TO SWITCHING WAVEFORMS KS000010 Must be Steady May Change from H to L May Change from L to H Does Not Apply Don’t Care, Any Change Permitted Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is High- Impedance “Off” State WAVEFORM INPUTS OUTPUTS SWITCHING TEST CIRCUIT 07506E-12 07506E-13 A. AUI Transmit (DI+, DI–,; CI+, CI–) RLX = 25 Ω B. Test Load (TXT) DUT + – 1/3 PE64102/PE64107 (or equivalent) RL 78 Ω 75 µH |