| データシートサーチシステム |
|
AM7968-125JC データシート(PDF) 81 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7968-125JC データシート(HTML) 81 Page - Advanced Micro Devices |
|
81 / 127 page ![]() AMD 77 TAXIchip Integrated Circuits Technical Manual Figure 7-2 Cascade with One TAXI Transmitter DQ CK DFF DQ CK DFF DQ CK DFF DQ CK DFF DQ CK DFF DQ CK BUFFERS DQ CK DQ CK DQ CK OE- OE- OE- OE- BUFFERS BUFFERS BUFFERS 74ALS374 74ALS374 74ALS374 74ALS374 8 8 8 8 BYTE1 BYTE2 BYTE3 BYTE4 8 4 2 CLK CLK STRB SEROUT ACK DATA COMMAND LOADEN U3 U2 8 8 8 8 32 U5 U4 U6 CLK2 LOAD4- LOAD3- LOAD2- LOAD1- 74LS174 U7 U1 STRBIN DATA STROBE ACK0 ACK1 CLK1 SEROUT CLK Buffer; May Not Be Required for Low Fanout System Four-Byte Cascade Mode Logic TAXI 12330E-24 7.2 Receivers In Cascade Mode: Connections (Am7969-125 Only) Unlike transmitters, all cascaded receivers are directly connected to the media, via the two serial input data lines. All Receivers see the same serial data at the same time. The Primary Receiver always receives the first byte of serial data after a Sync. The signals used by the upstream Receiver to tell the downstream Receiver that it has captured a byte are IGM (I Got Mine) and CNB (Catch Next Byte). After receiving its byte, the upstream receiver raises its IGM signal, telling the next Receiver in line that it is to catch the next byte on the serial line. In this way each succeeding Receiver down the line catches each succeeding byte. The second receiver waits for the Primary Receiver to capture data before capturing its data (the second byte). Similarly, if there were a third Receiver it would wait until the second Receiver had captured the second byte before capturing the third byte. The connections of the cascaded (downstream) TAXI Receivers are as follows (see Figure 7-3): The CNB input of the cascaded Receiver is tied to the IGM of it’s upstream neighbor. The CNB input of the first upstream or primary Receiver is tied high. The IGM output of the last downstream Receiver is left unconnected normally. (This pin is used differently in Auto-repeat Configuration, discussed in section 7.3). |