| データシートサーチシステム |
|
AM7968-125JC データシート(PDF) 98 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7968-125JC データシート(HTML) 98 Page - Advanced Micro Devices |
|
98 / 127 page ![]() 94 TAXIchip Integrated Circuits Technical Manual APPENDIX C TAXI Technical Information Publications The TAXI applications team has documented questions and answers that are general purpose in nature and applicable to a wide range of applications. This documentation has taken the form of TAXI Technical Information Publications (TlPs), and have been incorporated in this revision of the technical manual. The contents of this appendix are as follows: TAXI TIP # 1: Subject: Receiver Response to Loss of Input Signal TAXI TIP # 2: Subject: TAXlchip RESET Pin Function TAXI TIP # 3: Subject: Proper Use for TAXI Sync TAXI TIP # 4: Subject: TAXI PLL Lock-Up During Power-On! TAXI TIP # 5: Subject: TAXIchip set Crystal Specification TAXI TIP # 6: Subject: TAXI for FDDI Applications TAXI TIP # 7: Subject: Synchronous vs. Asynchronous Strobe TAXI TIP # 8: Subject: TAXI Receiver Lock Time TAXI TIP # 9: Subject: TAXI Bridge: Bidirectional TAXI Communication TAXI TIP # 10: Subject: TAXI Receiver CSTRB and DSTRB Pulse Width TAXI TIP # 11: Subject: Using Receiver CLK Output to Run a TAXlchip Transmitter TAXI TIP # 12: Subject: TAXlchip Pins Internal Circuit TAXI TIP # 13 Subject: Demuxing a TAXIchip Receiver to Output Multi-Byte Words TAXI TIP # 14 Subject: 32-Bit Multiplexed Cascade with the TAXIchip Transmitter TAXI TIP # 15 Subject: General Device Information for 125/175 MHz TAXIchips TAXI E.B. Nov ‘89: Subject: TAXlchip Error Rate Example |