| データシートサーチシステム |
|
AM79C971VCW データシート(PDF) 193 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C971VCW データシート(HTML) 193 Page - Advanced Micro Devices |
|
193 / 265 page ![]() Am79C971 193 Control and Status Registers (Continued) RAP Addr Symbol Default Value After H_RESET Comments Use 71 CSR71 uuuu uuuu Reserved 72 CSR72 uuuu uuuu RCVRC: RCV Ring Counter T 73 CSR73 uuuu uuuu Reserved 74 CSR74 uuuu uuuu XMTRC: XMT Ring Counter T 75 CSR75 uuuu uuuu Reserved 76 CSR76 uuuu uuuu RCVRL: RCV Ring Length S 77 CSR77 uuuu uuuu Reserved 78 CSR78 uuuu uuuu XMTRL: XMT Ring Length S 79 CSR79 uuuu uuuu Reserved 80 CSR80 uuuu 1410 DMATCFW: DMA Transfer Counter and FIFO Threshold S 81 CSR81 uuuu uuuu Reserved 82 CSR82 uuuu uuuu Transmit Descriptor Pointer Address Lower S 83 CSR83 uuuu uuuu Reserved 84 CSR84 uuuu uuuu DMABA: Address Register Lower T 85 CSR85 uuuu uuuu DMABA: Address Register Upper T 86 CSR86 uuuu uuuu DMABC: Buffer Byte Counter T 87 CSR87 uuuu uuuu Reserved 88 CSR88 x262 3003 Chip ID Register Lower T 89 CSR89 uuuu x262 Chip ID Register Upper T 90 CSR90 uuuu uuuu Reserved 91 CSR91 uuuu uuuu Reserved T 92 CSR92 uuuu uuuu RCON: Ring Length Conversion T 93 CSR93 uuuu uuuu Reserved 94 CSR94 uuuu uuuu Reserved 95 CSR95 uuuu uuuu Reserved 96 CSR96 uuuu uuuu Reserved 97 CSR97 uuuu uuuu Reserved 98 CSR98 uuuu uuuu Reserved 99 CSR99 uuuu uuuu Reserved 100 CSR100 uuuu 0200 Bus Timeout S 101 CSR101 uuuu uuuu Reserved 102 CSR102 uuuu uuuu Reserved 103 CSR103 uuuu 0105 Reserved 104 CSR104 uuuu uuuu Reserved 105 CSR105 uuuu uuuu Reserved 106 CSR106 uuuu uuuu Reserved 107 CSR107 uuuu uuuu Reserved |