データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C971VCW データシート(PDF) 196 Page - Advanced Micro Devices

部品番号 AM79C971VCW
部品情報  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW データシート(HTML) 196 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 200Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 265 page
background image
196
Am79C971
REGISTER PROGRAMMING SUMMARY
Am79C971 Programmable Registers
Am79C971 Control and Status Registers
Register
Contents
CSR0
Status and control bits: (DEFAULT = 0004)
8000 ERR
4000 BABL
2000 CERR
1000 MISS
0800
MERR
0400
RINT
0200
TINT
0100I
IDON
0080
INTR
0040
IENA
0020
RXON
0010
TXON
0008
TDMD
0004
STOP
0002
STRT
0001
INIT
CSR1
Lower IADR (Maps to CSR 16)
CSR2
Upper IADR (Maps to CSR 17)
CSR3
Interrupt masks and Deferral Control: (DEFAULT = 0)
8000--
4000
BABLM
2000
-
1000
MISSM
0800
MERRM
0400
RINTM
0200
TINTM
0100I
DONM
0080-
-
0040
DXSUFLO
0020
LAPPEN
0010
DXMT2PD
0008
EMBA
0004
BSWP
0002
--
0001
--
CSR4
Interrupt masks, configuration and status bits: (DEFAULT = 0115)
8000
EN124
4000
DMAPLUS
2000
TIMER
1000
TXDPOLL
0800
APAD_XMT
0400
ASTRP_RCV
0200
MFCO
0100
MFCOM
0080
UNITCMD
0040
UNIT
0020
RCVCCO
0010
RCVCCOM
0008
TXSTRT
0004
TXSTRTM
0002
JAB
0001
JABM
CSR5
Extended Interrupt masks, configuration and status bits: (DEFAULT = 0XXX)
8000TOKINTD
4000LTINTEN
2000--
1000--
0800
SINT
0400
SINTE
0200
SLPINT
0100
SLPINTE
0080
EXDINT
0040
EXDINTE
0020
MPPLBA
0010
MPINT
0008
MPINTE
0004
MPEN
0002
MPMODE
0001
SPND
CSR7
Extended Interrupt masks, configuration and status bits: (DEFAULT = 0000)
8000
FASTSPND
4000
RXFRMTG
2000
RDMD
1000
RXDPOLL
0800
STINT
0400
STINTE
0200
MREINT
0100
MREINTE
0080
MAPINT
0040
MAPINTE
0020
MCCINT
0010
MCCINTE
0008
MCCIINT
0004
MCCIINTE
0002
MIIPDTINT
0001
MIIPDTNTE
CSR8 - CSR11
Logical Address Filter
CSR12 - CSR14 Physical Address Register
CSR15
MODE: (DEFAULT = 0)
bits [8:7] = PORTSEL, Port Selection
0000AUI port
008010BASE-T
0101Media Independent Interface
8000PROM
4000DRCVBC
2000DRCVPA
1000DLNKTST
0800
DAPC
0400
MENDECL
0200
LRT/TSEL
0100
PORTSEL1
0080
POTSEL0
0040
INTL
0020
DRTY
0010
FCOLL
0008
DXMTFCS
0004
LOOP
0002
DTX
0001
DRX
CSR47
TXPOLLINT: Transmit Polling Interval
CSR49
RXPOLLINT: Receive Polling Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More