| データシートサーチシステム |
|
AM79C976 データシート(PDF) 54 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 データシート(HTML) 54 Page - Advanced Micro Devices |
|
54 / 309 page ![]() 54 Am79C976 8/01/00 P R E L I M INARY )LJXUH 'HVFULSWRU 5LQJ5HDG ,Q%XUVW0RGH Table 4 shows the descriptor read sequence. During descriptor write accesses, only the byte lanes which need to be written are enabled. The settings of SWSTYLE (BCR20, bits 7-0) affect the way the Am79C976 controller performs descriptor write operations. When SWSTYLE is set to 0 or 2, all descriptor write op- erations are performed in non-burst mode. When SWSTYLE is set to 3, 4, or 5, the descriptor en- tr ies are ordered to allow burst transfers. The Am79C976 controller will perform all descriptor write operations in burst mode. See Table 5 for the descriptor write sequence. Table 4. Descriptor Read Sequence FRAME CLK AD IRDY TRDY C/BE DEVSEL REQ GNT 1 234567 MD1 0000 0110 PAR PAR PAR DATA DATA PAR DEVSEL is sampled 22929B25 SWSTYLE BCR20 [7:0] AD Bus Sequence for Rx Descriptors AD Bus Sequence for Tx Descriptors 0 Address = XXXX XX00h Turn around cycle Data Idle Address = XXXX XX04h Turn around cycle Data Address = XXXX XX00h Turn around cycle Data Idle Address = XXXX XX04h Turn around cycle Data 2 Address = XXXX XX04h Turn around cycle Data Idle Address = XXXX XX00h Turn around cycle Data Address = XXXX XX04h Turn around cycle Data Idle Address = XXXX XX00h Turn around cycle Data 3 Address = XXXX XX04h Turn around cycle Data Data Address = XXXX XX04h Turn around cycle Data Data 4 Address = XXXX XX04h Turn around cycle Data Data Address = XXXX XX00h Turn around cycle Data Data Data 5 Address = XXXX XX08h Turn around cycle Data Data Data Address = XXXX XX00h Turn around cycle Data Data Data Data |