| データシートサーチシステム |
|
AM79C976 データシート(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 データシート(HTML) 17 Page - Advanced Micro Devices |
|
17 / 309 page ![]() 8/01/00 Am79C976 17 P R E L I M INARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. AM79C976 TEMPERATURE RANGE C = Commercial (0 C to +70 C) I = Industrial (–40 C to 85 C SPEED OPTION PACKAGE TYPE Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Valid Combinations DEVICE NUMBER/DESCRIPTION Not applicable K = Plastic Quad Flat Pack (PQR208) Am79C976 PCnet-Pro 10/100 Mbps PCI Ethernet Controller Valid Combinations AM79C976 KC\WV, KI\W ALTERNATE PACKAGING OPTION \W = Trimmed and formed in a tray \W C K |