データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C973VCW データシート(PDF) 277 Page - Advanced Micro Devices

部品番号 AM79C973VCW
部品情報  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW データシート(HTML) 277 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 273Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 274Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 275Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 276Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 277Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 278Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 279Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 280Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 281Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 304 page
background image
Am79C973/Am79C975
277
P R E L I M INARY
Auto-Negotiation Link Partner Ability
Register (Register 5)
The Auto-Negotiation Link Partner Ability Register is
Read Only. The register contains the advertised ability
of the link partner. The bit definitions represent the re-
ceived link code word. This register contains either the
base page or the link partner’s next pages. See Table
C-75.
Table 75. Auto-Negotiation Link Partner Ability Register (Register 5) - Base Page Format
Bit(s)
Name
Description
Read/
Write
15
Next Page
Link partner next page request.
RO
14
Acknowledge
Link partner acknowledgment
RO
13
Remote Fault
Link partner remote fault request
RO
12:5
Technology Ability
Link partner technology ability field
RO
4:0
Selector Field
Link partner selector field.
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More