データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C973VCW データシート(PDF) 3 Page - Advanced Micro Devices

部品番号 AM79C973VCW
部品情報  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW データシート(HTML) 3 Page - Advanced Micro Devices

  AM79C973VCW Datasheet HTML 1Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 2Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 3Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 4Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 5Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 6Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 7Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 8Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 304 page
background image
Am79C973/Am79C975
3
P R E L I M INARY
controllers also address non-PC applications. The
Am79C973 and Am79C975 controllers’ advanced
CMOS design allows the bus interface to be connected
to either a +5-V or a +3.3-V signaling environment. A
compliant IEEE 1149.1 JTAG test interface for board-
level testing is also provided, as well as a NAND tree
test structure for those systems that cannot support the
JTAG interface.
The Am79C973 and Am79C975 controllers support
auto-configuration in the PCI configuration space. Ad-
ditional Am79C973 and Am79C975 controller configu-
ration parameters, including the unique IEEE physical
address, can be read from an external non-volatile
memory (EEPROM) immediately following system re-
set.
In addition, the Am79C973 and Am79C975 controllers
provide programmable on-chip LED drivers for trans-
mit, receive, collision, link integrity, Magic Packet sta-
tus, activity, link active, address match, full-duplex, 10
Mbps or 100 Mbps, or jabber status.
The Am79C973 and Am79C975 controllers are regis-
ter compatible with the LANCE™ (Am7990) Ethernet
controller, the C-LANCE™ (Am79C90) Ethernet con-
troller, and all Ethernet controllers in the PCnet™ Fam-
ily, except ILACC™ (Am79C900), including the PCnet-
ISA™ (Am79C960), PCnet-ISA+™ (Am79C961),
PC net - I SA II ™ ( A m7 9C9 61A) , PCne t- 32 ™
( A m79 C 96 5) ,
PCne t- PCI ™
( A m 79C 970) ,
PCnet-PCI II ™ (A m79C970A ), P Cnet- FAST ™
(Am79C971), and PCnet-FAST+™ (Am79C972). The
Buffer Management Unit supports the LANCE and
PCnet descriptor software models.
The Am79C973 and Am79C975 controllers are ideally
suited for LAN on the motherboard, network adapter
card, and embedded designs. It is available in a 160-
pin Plastic Quad Flat Pack (PQFP) package and also in
a 176-pin Thin Quad Flat Pack (TQFP) package for
form factor sensitive designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More