| データシートサーチシステム |
|
AM79C973VCW データシート(PDF) 28 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C973VCW データシート(HTML) 28 Page - Advanced Micro Devices |
|
28 / 304 page ![]() 28 Am79C973/Am79C975 P R E L I M INARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. AM79C973 AM79C975 TEMPERATURE RANGE C = Commercial (0 ° C to +70° C) SPEED OPTION PACKAGE TYPE Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Valid Combinations DEVICE NUMBER/DESCRIPTION Not applicable K = Plastic Quad Flat Pack (PQR160) V = Thin Quad Flat Pack (PQL176) Am79C973/Am79C975 Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY Valid Combinations AM79C973, AM79C975 KC\W, VC\W ALTERNATE PACKAGING OPTION \W = Trimmed and formed in a tray \W C K\V |