| データシートサーチシステム |
|
AMC004DFLKA データシート(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMC004DFLKA データシート(HTML) 34 Page - Advanced Micro Devices |
|
34 / 46 page ![]() 34 AmC0XXDFLKA Word-Wide Operation Note: Two Flash devices active, all the others in standby. Parameter Symbol Parameter Description Test Description Min Max Unit ILI Input Leakage Current VCC = VCC Max, VIN = VCC or VSS For all cards: CE, REG, WE, RESET 4 MB +20 µA 8 MB +20 20 MB +20 32 MB +20 ILO Output Leakage Current VCC = VCC Max, VOUT = VCC or VSS 4 MB ± 20 µA 8 MB ± 20 20 MB ± 20 32 MB ± 20 ICCS VCC Standby Current (see note) VCC = VCC Max CE = VCC ± 0.2 V VIN = VCC or GND 4 MB 1.7 mA 8 MB 1.7 20 MB 1.7 32 MB 1.7 ICC1 VCC Active Read Current (see note) VCC = VCC Max, CE = VIL, OE = VIH, IOUT = 0 mA, at 3.3 MHz 45 mA ICC2 VCC Programming Current (see note) CE = VIL Programming in Progress 65 mA VIL Input Low Voltage –0.3 0.8 V VIH Input High Voltage 0.7VCC VCC + 0.3 V VOL Output Low Voltage IOL = 3.2 mA, VCC = VCC Min 0.40 V VOH Output High Voltage IOH = 2.0 mA, VCC = VCC Min 3.8 VCC V VLKO Low VCC Lock-Out Voltage 3.2 4.2 V |