| データシートサーチシステム |
|
AMC004DFLKA データシート(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMC004DFLKA データシート(HTML) 45 Page - Advanced Micro Devices |
|
45 / 46 page ![]() AmC0XXDFLKA 45 PHYSICAL DIMENSIONS Type 1 PC Card Trademarks Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. 10.0 Min (mm) 10.0 Min (mm) 85.6 ± 0.2 mm 54.0 ± 0.1 mm 3.3 ± 0.1 mm 34 1 35 68 Front Side Back Side |