| データシートサーチシステム |
|
AMMC008AWP データシート(PDF) 26 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMMC008AWP データシート(HTML) 26 Page - Advanced Micro Devices |
|
26 / 39 page ![]() 26 AmMC0XXA PR EL IMIN AR Y AC CHARACTERISTICS Read-only Operations * Not 100% tested. Parameter Symbol Parameter Description Card Speed Unit JEDEC Standard -100 -150 tAVAV tRC Read Cycle Time Min 100 150 ns tELQV tCE Chip Enable Access Time Max 100 150 ns tAVQV tACC Address Access Time Max 100 150 ns tGLQV tOE Output Enable Access Time Max 40 50 ns tELQX tLZ Chip Enable to Output in Low-Z Min 0 0 ns tEHQZ tDF Chip Disable to Output in High-Z Max 20 30 ns tGLQX tOLZ Output Enable to Output in Low-Z Min 0 0 ns tGHQZ tDF Output Disable to Output in High-Z Max 20 30 ns tAXQX tOH Output Hold from First of Address, CE#, or OE# Change Min 0 0 ns tReady RESET# Pin Low to Read Mode* Max 20 20 µs |