データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMMC008AWP データシート(PDF) 35 Page - Advanced Micro Devices

部品番号 AMMC008AWP
部品情報  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC008AWP データシート(HTML) 35 Page - Advanced Micro Devices

Back Button AMMC008AWP Datasheet HTML 31Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 32Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 33Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 34Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 35Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 36Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 37Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 38Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AmMC0XXA
35
PREL I M I N AR Y
Identification Data
The Identification Data provides basic identification
information about the card. This data section is
required on all cards. Table 18 shows the Identification
Data for AMD’s 5 volt-only Miniature cards.
Compatibility Data
The compatibility data provides basic compatibility
across all cards. This data section is required on all
cards. The addresses in parentheses are specified for
cards with more than one memory technology on the
card. Table 19 shows the compatibility data for AMD
5-volt only Miniature Cards.
Table 18.
AMD Identification Data
Card Address
Value
Description
10h
99h
Miniature Card Identifier: Fixed value for a host to identify an inserted
Miniature Card
11h
11h
Level of Compliance: Defines the level of AIS supported. The
Miniature Cards described in this document are rev 1.1 compliant.
12h
01h or FDh or F9h
AIS Checksum: The modulo-256 sum of all even bytes from 10h–FFh.
A valid checksum sums to 00h (2’s complement).
2 Mbyte card: 99h + 01h = 00h
4 Mbyte card: 03h + FDh = 00h
8 Mbyte card: 07h + F9h = 00h
13h
41h
Manufacturer Name: 13h–26h. String of ASCII characters at
addresses 13h to 26h to identify the manufacturer of the Miniature
Card.
ASCII character “A”
14h
4Dh
ASCII character “M”
15h
44h
ASCII character “D”
16h
20h
ASCII character - SPACE
17h
49h
ASCII character - “I”
18h
4Eh
ASCII character - “N”
19h
43h
ASCII character - “C”
1Ah
00h
ASCII character - NULL
1Bh
00h
ASCII character - NULL
1Ch–26h
00h
Unused space in manufacturer name field
27h
35h
Card Name: (addresses 27h–3Ah). String of ASCII characters to
identify the card name.
ASCII character “5”
28h
56h
ASCII character “V”
29h
4Dh
ASCII character “M”
2Ah
43h
ASCII character “C”
2Bh
20h
ASCII character - SPACE
2Ch
53h
ASCII character “S”
2Dh
65h
ASCII character “e”
2Eh
72h
ASCII character “r”
2Fh
69h
ASCII character “i”
30h
65h
ASCII character “e”
31h
73h
ASCII character “s”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39