データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800CB100WBCB データシート(PDF) 32 Page - Advanced Micro Devices

部品番号 AM29SL800CB100WBCB
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800CB100WBCB データシート(HTML) 32 Page - Advanced Micro Devices

Back Button AM29SL800CB100WBCB Datasheet HTML 28Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 29Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 30Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 31Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 32Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 33Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 34Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 35Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
Am29SL800C
PR EL I M I NAR Y
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
22230A-22
Figure 18.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41