データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800CB100WBCB データシート(PDF) 34 Page - Advanced Micro Devices

部品番号 AM29SL800CB100WBCB
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800CB100WBCB データシート(HTML) 34 Page - Advanced Micro Devices

Back Button AM29SL800CB100WBCB Datasheet HTML 30Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 31Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 32Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 33Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 34Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 35Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 36Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 37Page - Advanced Micro Devices AM29SL800CB100WBCB Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
Am29SL800C
PR EL I M I NAR Y
AC CHARACTERISTICS
Temporary Sector Unprotect
Parameter
All Speed Options
JEDEC
Std
Description
Unit
tVIDR
VID Rise and Fall Time
Min
500
ns
tRSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
Note: The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an
erase-suspended sector.
22230A-25
Figure 21.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing
RESET#
tVIDR
10 V
0 or 1.8 V
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
0 or 1.8 V
22230A-26
Figure 22.
Temporary Sector Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41