| データシートサーチシステム |
|
MACH211SP-7VC データシート(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
MACH211SP-7VC データシート(HTML) 23 Page - Advanced Micro Devices |
|
23 / 37 page ![]() MACH211SP-7/10/12/15/20 23 TYPICAL THERMAL CHARACTERISTICS Measured at 25 °C ambient. These parameters are not tested. Plastic θ jc Considerations The data listed for plastic θ jc are for reference only and are not recommended for use in calculating junction temperatures. The heat-flow paths in plastic-encapsulated devices are complex, making the θ jc measurement relative to a specific location on the package surface. Tests indicate this measurement reference point is directly below the die-attach area on the bottom center of the package. Furthermore, θ jc tests on packages are performed in a constant-temperature bath, keeping the package surface at a constant temperature. Therefore, the measurements can only be used in a similar environment. TQFP thermal measurements are taken with components on a six-layer printed circuit board. Parameter Symbol Parameter Description Typ Unit TQFP PLCC θ jc Thermal impedance, junction to case 11.3 4 °C/W θ ja Thermal impedance, junction to ambient 41 30.4 °C/W θ jma Thermal impedance, junction to ambient with air flow 200 lfpm air 35 18.5 °C/W 400 lfpm air 33.7 15.9 °C/W 600 lfpm air 32.6 13.5 °C/W 800 lfpm air 32 12.8 °C/W |