| データシートサーチシステム |
|
MACH211SP-7VC データシート(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
MACH211SP-7VC データシート(HTML) 37 Page - Advanced Micro Devices |
|
37 / 37 page ![]() MACH211SP-7/10/12/15/20 37 PHYSICAL DIMENSIONS PQT044 44-Pin Thin Quad Flat Pack (measured in millimeters) Trademarks Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, MACH, and PAL are registered trademarks of Advanced Micro Devices, Inc. Bus-Friendly is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. 1.00 REF. 1.20 MAX 11 ° – 13° 11 ° – 13° 0.80 BSC 44 1 0.95 1.05 11.80 12.20 9.80 10.20 11.80 12.20 9.80 10.20 0.30 0.45 16-038-PQT-2 PQT 44 7-11-95 ae |