データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F100T-150SCB データシート(PDF) 18 Page - Advanced Micro Devices

部品番号 AM29F100T-150SCB
部品情報  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-150SCB データシート(HTML) 18 Page - Advanced Micro Devices

Back Button AM29F100T-150SCB Datasheet HTML 14Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 15Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 16Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 17Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 18Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 19Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 20Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 21Page - Advanced Micro Devices AM29F100T-150SCB Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
Am29F100
than 50
µs. See also the “Sector Erase Command Se-
quence” section.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has ac-
cepted the command sequence, and then read DQ3. If
DQ3 is “1”, the internally controlled erase cycle has be-
gun; all further commands (other than Erase Suspend)
are ignored until the erase operation is complete. If
DQ3 is “0”, the device will accept additional sector
erase commands. To ensure the command has been
accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector
erase command. If DQ3 is high on the second status
check, the last command might not have been ac-
cepted. Table 6 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
18926C-10
Figure 5.
Toggle Bit Algorithm
(Notes
1, 2)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36