| データシートサーチシステム |
|
AM29F100T-150SCB データシート(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100T-150SCB データシート(HTML) 9 Page - Advanced Micro Devices |
|
9 / 36 page ![]() Am29F100 9 Table 2. Sector Addresses Tables (Am29F100T) Table 3. Sector Addresses Tables (Am29F100B) Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in Autoselect Codes (High Voltage Method) table. In ad- dition, when verifying sector protection, the sector ad- dress must appear on the appropriate highest order address bits. Refer to the corresponding Sector Ad- dress Tables. The Command Definitions table shows the remaining address bits that are don’t care. When all necessary bits have been set as required, the program- ming equipment may then read the corresponding identifier code on DQ7–DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in the Command Defini- tions table. This method does not require VID. See “Command Definitions” for details on using the autose- lect mode. Table 4. Am29F100 Autoselect Codes (High Voltage Method) L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. A15 A14 A13 A12 (x8) Address Range (x16) Address Range SA0 0 X X X 00000h-0FFFFh 00000h-07FFFh SA1 1 0 X X 10000h-17FFFh 08000h-0BFFFh SA2 1 1 0 0 18000h-19FFFh 0C000h-0CFFFh SA3 1 1 0 1 1A000h-1BFFFh 0D000h-0DFFFh SA4 1 1 1 X 1C000h-1FFFFh 0E000h-0FFFFh A15 A14 A13 A12 (x8) Address Range (x16) Address Range SA0 0 0 0 X 00000h-03FFFh 00000h-01FFFh SA1 0 0 1 0 04000h-05FFFh 02000h-02FFFh SA2 0 0 1 1 06000h-07FFFh 03000h-03FFFh SA3 0 1 X X 08000h-0FFFFh 04000h-07FFFh SA4 1 X X X 10000h-1FFFFh 08000h-0FFFFh Description Mode CE# OE# WE# A15 to A12 A11 to A10 A9 A8 to A7 A6 A5 to A2 A1 A0 DQ8 to DQ15 DQ7 to DQ0 Manufacturer ID: AMD L L H X X VID XLXL L X 01h Device ID: Am29F100 (Top Boot Block) Word L L H XX VID XLXL H 22h D9h Byte L L H X D9h Device ID: Am29F100 (Bottom Boot Block) Word L L H XX VID XLXL H 22h DFh Byte L L H X DFh Sector Protection Verification L L H SA X VID XLX H L X 01h (protected) X 00h (unprotected) |