データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8024LACTR データシート(PDF) 22 Page - STMicroelectronics

部品番号 ST8024LACTR
部品情報  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACTR データシート(HTML) 22 Page - STMicroelectronics

Back Button ST8024LACTR Datasheet HTML 18Page - STMicroelectronics ST8024LACTR Datasheet HTML 19Page - STMicroelectronics ST8024LACTR Datasheet HTML 20Page - STMicroelectronics ST8024LACTR Datasheet HTML 21Page - STMicroelectronics ST8024LACTR Datasheet HTML 22Page - STMicroelectronics ST8024LACTR Datasheet HTML 23Page - STMicroelectronics ST8024LACTR Datasheet HTML 24Page - STMicroelectronics ST8024LACTR Datasheet HTML 25Page - STMicroelectronics ST8024LACTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Functional description
ST8024L
22/35
Doc ID 17709 Rev 5
The clock may be applied to the card using the following sequence (see Figure 5):
1. Set RSTIN high.
2. Set CMDVCC low.
3. Reset RSTIN low between t3 and t5; CLK starts at this moment.
4. RST remains low until t5, when RST is enabled to be the copy of RSTIN.
5. After t5, RSTIN has no further affect on CLK; this allows a precise count of CLK
pulses before toggling RST.
If the applied clock is not needed, then CMDVCC may be set low with RSTIN low. In this
case, CLK starts at t3 (minimum 200 ns after the transition on I/O), and after t5, RSTIN may
be set high in order to obtain an “answer to request” (ATR) from the card.
Activation should not be performed with RSTIN held permanently high.
Note:
It is recommended that no control smartcard signals are to be shared with any other
devices. Sharing may result in inadvertent activation or deactivation of the smartcard.
Figure 5.
Activation sequence using RSTIN and CMDVCC
Table 22.
Card presence indicator
OFF
CMDVCC
Indication
H
H
Card present
L
H
Card not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35