| データシートサーチシステム |
|
MPC8245ECS02AD データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8245ECS02AD データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 68 page ![]() MPC8245 Integrated Processor Hardware Specifications, Rev. 10 8 Freescale Semiconductor Electrical and Thermal Characteristics Figure 2 shows supply voltage sequencing and separation cautions. Figure 2. Supply Voltage Sequencing and Separation Cautions OVDD/GVDD/(LVDD @ 3.3 V - - - -) VDD/AVDD/AVDD2 LVDD @ 5 V Time 3.3 V 5 V 2.0 V 0 8 11 10 10 11 7, 9 Reset Configuration Pins HRST_CPU, HRST_CTRL PLL Relock Time 3 100 µs Nine External Memory Asserted 255 External Memory HRST_CPU, HRST_CTRL VDD Stable Power Supply Ramp Up 2 See Note 1 Clock Cycles 3 Clock Cycles Setup Time 4 VM = 1.4 V Maximum Rise Time Must Be Less Than One External Memory Clock Cycle 5 Notes: 1. Numbers associated with waveform separations correspond to caution numbers listed in Table 2. 2. See the Cautions section of Table 2 for details on this topic. 3. See Table 8 for details on PLL relock and reset signal assertion timing requirements. 4. Refer to Table 10 for additional information on reset configuration pin setup timing requirements. 5. HRST_CPU/HRST_CTRL must transition from a logic 0 to a logic 1 in less than one SDRAM_SYNC_IN clock cycle for the device to be in the nonreset state. 6. PLL_CFG signals must be driven on reset and must be held for at least 25 clock cycles after the negation of HRST_CTRL and HRST_CPU in order to be latched. PLL 6 |