データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8245ECS02AD データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MPC8245ECS02AD
部品情報  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
9
Electrical and Thermal Characteristics
Figure 3 shows the undershoot and overshoot voltage of the memory interface.
Figure 3. Overshoot/Undershoot Voltage
Figure 4 and Figure 5 show the undershoot and overshoot voltage of the PCI interface for the 3.3- and 5-V
signals, respectively.
Figure 4. Maximum AC Waveforms for 3.3-V Signaling
GND
GND – 0.3 V
GND – 1.0 V
Not to Exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68