データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S103F2 データシート(PDF) 109 Page - STMicroelectronics

部品番号 STM8S103F2
部品情報  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 データシート(HTML) 109 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 105Page - STMicroelectronics STM8S103F2 Datasheet HTML 106Page - STMicroelectronics STM8S103F2 Datasheet HTML 107Page - STMicroelectronics STM8S103F2 Datasheet HTML 108Page - STMicroelectronics STM8S103F2 Datasheet HTML 109Page - STMicroelectronics STM8S103F2 Datasheet HTML 110Page - STMicroelectronics STM8S103F2 Datasheet HTML 111Page - STMicroelectronics STM8S103F2 Datasheet HTML 112Page - STMicroelectronics STM8S103F2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR5
(check only one option)
[ ] 1: Port D0 alternate function = CLK_CCO
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR6
(check only one option)
[ ] 1: Port D7 alternate function = TIM1_CH4
Reserved
AFR7
OPT2 alternate function remapping for STM8S103F
Do not use more than one remapping option in the same port. It is forbidden to enable both
AFR1 and AFR0.
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR0
(check only one option)
[ ] 1: Port C5 alternate function = TIM2_CH1, port C6 alternate
function = TIM1_CH1, and port C7 alternate function =
TIM1_CH2
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR1
(check only one option)
[ ] 1: Port A3 alternate function = SPI_NSS and port D2 alternate
function = TIM2_CH3
Reserved
AFR2
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR3
(check only one option)
[ ] 1: Port C3 alternate function = TLI
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR4
(check only one option)
[ ] 1: Port B4 alternate function = ADC_ETR and port B5 alternate
function = TIM1_BKIN
Reserved
AFR5
Reserved
AFR6
[ ] 0: Remapping option inactive. Default alternate functions
used. Refer to pinout description
AFR7
(check only one option)
[ ] 1: Port C3 alternate function = TIM1_CH1N and port C4
alternate function = TIM1_CH2N
OPT3 watchdog
[ ] 0: No reset generated on halt if WWDG active
WWDG_HALT
109/117
DocID15441 Rev 9
Ordering information
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More