| データシートサーチシステム |
|
STM32F217VG データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217VG データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 173 page ![]() STM32F21xxx Pinouts and pin description Doc ID 17050 Rev 8 45/173 -56 78 97 P14 PD9 I/O FT PD9 FSMC_D14 / USART3_RX/ EVENTOUT -57 79 98 N15 PD10 I/O FT PD10 FSMC_D15 / USART3_CK/ EVENTOUT -58 80 99 N14 PD11 I/O FT PD11 FSMC_A16/USART3_CTS/ EVENTOUT - 59 81 100 N13 PD12 I/O FT PD12 FSMC_A17/TIM4_CH1 / USART3_RTS/ EVENTOUT - 60 82 101 M15 PD13 I/O FT PD13 FSMC_A18/TIM4_CH2/ EVENTOUT - - 83 102 - VSS_8 SVSS_8 - - 84 103 J13 VDD_8 SVDD_8 - 61 85 104 M14 PD14 I/O FT PD14 FSMC_D0/TIM4_CH3/ EVENTOUT - 62 86 105 L14 PD15 I/O FT PD15 FSMC_D1/TIM4_CH4/ EVENTOUT - - 87 106 L15 PG2 I/O FT PG2 FSMC_A12/ EVENTOUT - - 88 107 K15 PG3 I/O FT PG3 FSMC_A13/ EVENTOUT - - 89 108 K14 PG4 I/O FT PG4 FSMC_A14/ EVENTOUT - - 90 109 K13 PG5 I/O FT PG5 FSMC_A15/ EVENTOUT - - 91 110 J15 PG6 I/O FT PG6 FSMC_INT2/ EVENTOUT - - 92 111 J14 PG7 I/O FT PG7 FSMC_INT3 /USART6_CK/ EVENTOUT - - 93 112 H14 PG8 I/O FT PG8 USART6_RTS / ETH_PPS_OUT/ EVENTOUT - - 94 113 G12 VSS_9 SVSS_9 - - 95 114 H13 VDD_9 SVDD_9 37 63 96 115 H15 PC6 I/O FT PC6 I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX / DCMI_D0/TIM3_CH1/ EVENTOUT 38 64 97 116 G15 PC7 I/O FT PC7 I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX / DCMI_D1/TIM3_CH2/ EVENTOUT Table 5. STM32F21x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |