| データシートサーチシステム |
|
STP16CPC26TTR データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CPC26TTR データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 26 page ![]() STP16CPC26 Current generators characteristics Doc ID 18469 Rev 4 15/26 9 Current generators characteristics 9.1 Current setting The current of all outputs is programmed through an external resistor connected to R-EXT pin, as shown in Figure 15. The curve in Figure 16 describes the relation between the current and the resistor connected to R-EXT pin, whereas the Table 8 shows how to set some typical current values. Figure 15. Resistor for current programming Figure 16. Output current vs R-EXT resistor Table 8. Recommended values of Rext for some output current value Output current [mA] Rext [Ω] Closer standard value (E24 series) [ Ω] 5 4129 4300 10 2005 200 20 999 1000 40 471 470 60 322 330 90 217 220 |