データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16CPC26TTR データシート(PDF) 21 Page - STMicroelectronics

部品番号 STP16CPC26TTR
部品情報  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26TTR データシート(HTML) 21 Page - STMicroelectronics

Back Button STP16CPC26TTR Datasheet HTML 17Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 18Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 19Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 20Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 21Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 22Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 23Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 24Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STP16CPC26
Package mechanical data
Doc ID 18469 Rev 4
21/26
Figure 20.
Reel dimensions
Table 12.
Tape and reel TSSOP24
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
-
330
-
12.992
C
12.8
-
13.2
0.504
-
0.519
D
20.2
-
0.795
-
N
60
-
2.362
-
T
-
22.4
-
0.882
Ao
6.8
-
7
0.268
-
0.276
Bo
8.2
-
8.4
0.323
-
0.331
Ko
1.7
-
1.9
0.067
-
0.075
Po
3.9
-
4.1
0.153
-
0.161
P
11.9
-
12.1
0.468
-
0.476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26