| データシートサーチシステム |
|
TLC32046MFKB データシート(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC32046MFKB データシート(HTML) 54 Page - Texas Instruments |
|
54 / 56 page ![]() 5–10 A/D THIRD HARMONIC DISTORTION vs INPUT SIGNAL – 50 – 40 – 20 0 – 50 – 40 – 30 – 20 – 10 0 10 – 70 – 80 – 100 1-Hz Input Signal 16-kHz Conversion Rate TA = 25°C – 60 – 30 – 10 – 90 Input Signal Relative to Vref – dB Figure 5 –19 D/A THIRD HARMONIC DISTORTION vs INPUT SIGNAL – 50 – 40 – 20 0 – 50 – 40 – 30 – 20 – 10 0 10 – 70 – 80 – 100 1-kHz Input Signal Into 600 Ω 16-kHz Conversion Rate TA = 25°C – 60 – 30 – 10 – 90 Input Signal Relative to Vref – dB Figure 5 –20 |