| データシートサーチシステム |
|
SPC5644AF0MLU2 データシート(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5644AF0MLU2 データシート(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 138 page ![]() CS[3] DSPI_D_SIN GPIO[99] — DSPI D data input GPIO — A1 G — 10 00 99 — I I/O VDDEH7 Medium — / Up — / Up 142 H13 B15 DSPI_A_PCS[4]17 DSPI_D_SOUT GPIO[100] — DSPI D data output GPIO — A1 G — 10 00 100 O I/O VDDEH7 Medium — / Up — / Up — — B16 DSPI_A_PCS[5]17 DSPI_B_PCS[3] GPIO[101] — DSPI B peripheral chip select GPIO — A1 G — 10 00 101 O I/O VDDEH7 Medium — / Up — / Up — — A16 DSPI_B_SCK DSPI_C_PCS[1] GPIO[102] SPI clock pin for DSPI module DSPI C peripheral chip select GPIO P A1 G 01 10 00 102 I/O O I/O VDDEH6 Medium — / Up — / Up 106 J16 K21 DSPI_B_SIN DSPI_C_PCS[2] GPIO[103] DSPI B data input DSPI C peripheral chip select GPIO P A1 G 01 10 00 103 I O I/O VDDEH6 Medium — / Up — / Up 112 G15 H22 DSPI_B_SOUT DSPI_C_PCS[5] GPIO[104] DSPI B data output DSPI C peripheral chip select GPIO P A1 G 01 10 00 104 O O I/O VDDEH6 Medium — / Up — / Up 113 G13 J19 DSPI_B_PCS[0] DSPI_D_PCS[2] GPIO[105] DSPI B peripheral chip select DSPI D peripheral chip select GPIO P A1 G 01 10 00 105 I/O O I/O VDDEH6 Medium — / Up — / Up 111 G16 J21 DSPI_B_PCS[1] DSPI_D_PCS[0] GPIO[106] DSPI B peripheral chip select DSPI D peripheral chip select GPIO P A1 G 01 10 00 106 O I/O I/O VDDEH6 Medium — / Up — / Up 109 H16 J22 DSPI_B_PCS[2] DSPI_C_SOUT GPIO[107] DSPI B peripheral chip select DSPI C data output GPIO P A1 G 01 10 00 107 O O I/O VDDEH6 Medium — / Up — / Up 107 H15 K22 DSPI_B_PCS[3] DSPI_C_SIN GPIO[108] DSPI B peripheral chip select DSPI C data input GPIO P A1 G 01 10 00 108 O I I/O VDDEH6 Medium — / Up — / Up 114 G14 J20 DSPI_B_PCS[4] DSPI_C_SCK GPIO[109] DSPI B peripheral chip select SPI clock pin for DSPI module GPIO P A1 G 01 10 00 109 O I/O I/O VDDEH6 Medium — / Up — / Up 105 H14 K20 DSPI_B_PCS[5] DSPI_C_PCS[0] GPIO[110] DSPI B peripheral chip select DSPI C peripheral chip select GPIO P A1 G 01 10 00 110 O I/O I/O VDDEH6 Medium — / Up — / Up 104 J13 L19 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |