| データシートサーチシステム |
|
SPC5644AF0MLU2 データシート(PDF) 50 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5644AF0MLU2 データシート(HTML) 50 Page - Freescale Semiconductor, Inc |
|
50 / 138 page ![]() ETPUA25 IRQ[13] DSPI_C_SCK_LV DS+ GPIO[139] eTPU A channel External interrupt request LVDS positive DSPI clock GPIO P A1 A2 G 001 010 100 000 139 I/O I O I/O VDDEH1 Medium + LVDS — / WKPCFG — / WKPCFG 27 G3 M3 ETPUA26 IRQ[14] DSPI_C_SOUT_L VDS- GPIO[140] eTPU A channel External interrupt request LVDS negative DSPI data out GPIO P A1 A2 G 001 010 100 000 140 I/O I O I/O VDDEH1 Slow + LVDS — / WKPCFG — / WKPCFG 26 F3 L2 ETPUA27 IRQ[15] DSPI_C_SOUT_L VDS+ DSPI_B_SOUT GPIO[141] eTPU A channel External interrupt request LVDS positive DSPI data out DSPI data out GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 141 I/O I O O I/O VDDEH1 Slow + LVDS — / WKPCFG — / WKPCFG 25 G2 L1 ETPUA28 DSPI_C_PCS[1] RCH5_B GPIO[142] eTPU A channel DSPI C peripheral chip select Reaction channel 5B GPIO P A1 A2 G 001 010 100 000 142 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 24 F1 M4 ETPUA29 DSPI_C_PCS[2] RCH5_C GPIO[143] eTPU A channel DSPI C peripheral chip select Reaction channel 5C GPIO P A1 A2 G 001 010 100 000 143 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 23 F2 L3 ETPUA30 DSPI_C_PCS[3] ETPUA11_O8 GPIO[144] eTPU A channel DSPI C peripheral chip select eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 144 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 22 E1 L4 ETPUA31 DSPI_C_PCS[4] ETPUA13_O8 GPIO[145] eTPU A channel DSPI C peripheral chip select eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 145 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 21 E2 K1 eMIOS EMIOS0 ETPUA0_O8 ETPUA25_O8 GPIO[179] eMIOS channel eTPU A channel (output only) eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 179 I/O O O I/O VDDEH4 Slow — / Up — / Up 63 T4 AA12 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |