データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8347ECVRADFB データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MPC8347ECVRADFB
部品情報  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
8
Freescale Semiconductor
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 2 provides the recommended operating conditions for the MPC8347EA. Note that the values in
Table 2 are the recommended and tested operating conditions. Proper device operation outside these
conditions is not guaranteed.
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8347EA.
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
Table 2. Recommended Operating Conditions
Parameter
Symbol
Recommended
Value
Unit
Notes
Core supply voltage for 667-MHz core frequency
VDD
1.3 V ± 60 mV
V
1
Core supply voltage
VDD
1.2 V ± 60 mV
V
1
PLL supply voltage for 667-MHz core frequency
AVDD
1.3 V ± 60 mV
V
1
PLL supply voltage
AVDD
1.2 V ± 60 mV
V
1
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Three-speed Ethernet I/O supply voltage
LVDD1
3.3 V ± 330 mV
2.5 V ± 125 mV
V—
Three-speed Ethernet I/O supply voltage
LVDD2
3.3 V ± 330 mV
2.5 V ± 125 mV
V—
PCI, local bus, DUART, system control and power
management, I2C, and JTAG I/O voltage
OVDD
3.3 V ± 330 mV
V
—
Note:
1 GV
DD, LVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or
negative direction.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com