データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8347ECVRADFB データシート(PDF) 82 Page - Freescale Semiconductor, Inc

部品番号 MPC8347ECVRADFB
部品情報  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB データシート(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
82
Freescale Semiconductor
Clocking
VCO divider must be set properly so that the core VCO frequency is in the
range of 800–1800 MHz.
Table 63. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider1
1 Core VCO frequency = core frequency
× VCO divider. The VCO divider must be set properly so that the core VCO frequency
is in the range of 800–1800 MHz.
0–1
2–5
6
nn
0000
n
PLL bypassed
(PLL off, csb_clk clocks core directly)
PLL bypassed
(PLL off, csb_clk clocks core directly)
00
0001
01:1
2
01
0001
01:1
4
10
0001
01:1
8
11
0001
01:1
8
00
0001
1
1.5:1
2
01
0001
1
1.5:1
4
10
0001
1
1.5:1
8
11
0001
1
1.5:1
8
00
0010
02:1
2
01
0010
02:1
4
10
0010
02:1
8
11
0010
02:1
8
00
0010
1
2.5:1
2
01
0010
1
2.5:1
4
10
0010
1
2.5:1
8
11
0010
1
2.5:1
8
00
0011
03:1
2
01
0011
03:1
4
10
0011
03:1
8
11
0011
03:1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com