データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL5350ACPZ-R7 データシート(PDF) 3 Page - Analog Devices

部品番号 ADL5350ACPZ-R7
部品情報  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 データシート(HTML) 3 Page - Analog Devices

  ADL5350ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5350
Rev. 0 | Page 3 of 24
SPECIFICATIONS
850 MHz RECEIVE PERFORMANCE
VS = 3 V, TA = 25°C, LO power = 4 dBm, re: 50 Ω, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
RF Frequency Range
750
850
975
MHz
LO Frequency Range
500
780
945
MHz
Low-side LO
IF Frequency Range
30
70
250
MHz
Conversion Loss
6.7
dB
fRF = 850 MHz, fLO = 780 MHz, fIF = 70 MHz
SSB Noise Figure
6.4
dB
fRF = 850 MHz, fLO = 780 MHz, fIF = 70 MHz
Input Third-Order Intercept (IP3)
25
dBm
fRF1 = 849 MHz, fRF2 = 850 MHz, fLO = 780 MHz, fIF = 70 MHz;
each RF tone 0 dBm
Input 1dB Compression Point (P1dB)
19.8
dBm
fRF = 820 MHz, fLO = 750 MHz, fIF = 70 MHz
LO-to-IF Leakage
29
dBc
LO power = 4 dBm, fLO = 780 MHz
LO-to-RF Leakage
13
dBc
LO power = 4 dBm, fLO = 780 MHz
RF-to-IF Leakage
19.5
dBc
RF power = 0 dBm, fRF = 850 MHz, fLO = 780 MHz
IF/2 Spurious
−50
dBc
RF power = 0 dBm, fRF = 850 MHz, fLO = 780 MHz
Supply Voltage
2.7
3
3.5
V
Supply Current
16.5
mA
LO power = 4 dBm
1950 MHz RECEIVE PERFORMANCE
VS = 3 V, TA = 25°C, LO power = 6 dBm, re: 50 Ω, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Conditions
RF Frequency Range
1800
1950
2050
MHz
LO Frequency Range
1420
1760
2000
MHz
Low-side LO
IF Frequency Range
50
190
380
MHz
Conversion Loss
6.8
dB
fRF = 1950 MHz, fLO = 1760 MHz, fIF = 190 MHz
SSB Noise Figure
6.5
dB
fRF = 1950 MHz, fLO = 1760 MHz, fIF = 190 MHz
Input Third-Order Intercept (IP3)
25
dBm
fRF1 = 1949 MHz, fRF2 = 1951 MHz, fLO = 1760 MHz, fIF = 190 MHz;
each RF tone 0 dBm
Input 1dB Compression Point (P1dB)
19
dBm
fRF = 1950 MHz, fLO = 1760 MHz, fIF = 190 MHz
LO-to-IF Leakage
13.5
dBc
LO power = 6 dBm, fLO = 1760 MHz
LO-to-RF Leakage
10.5
dBc
LO power = 6 dBm, fLO = 1760 MHz
RF-to-IF Leakage
11.5
dBc
RF power = 0 dBm, fRF = 1950 MHz, fLO = 1760 MHz
IF/2 Spurious
−54
dBc
RF power = 0 dBm, fRF = 1950 MHz, fLO = 1760 MHz
Supply Voltage
2.7
3
3.5
V
Supply Current
19
mA
LO power = 6 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24