データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ64GP706 データシート(PDF) 40 Page - Microchip Technology

部品番号 DSPIC33FJ64GP706
部品情報  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 データシート(HTML) 40 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 39Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 40Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 41Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 43Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 38
© 2009 Microchip Technology Inc.
FIGURE 4-5:
DATA MEMORY MAP FOR dsPIC33FJXXXGPX06/X08/X10 DEVICES WITH 30 KB
RAM
0x0000
0x07FE
SFR Space
0xFFFE
X Data RAM (X)
16 bits
LSB
MSB
0x0001
0x07FF
0xFFFF
X Data
Optionally
Mapped
into Program
Memory
Unimplemented (X)
0x0801
0x0800
2 Kbyte
SFR Space
0x4800
0x47FE
0x4801
0x47FF
0x7FFE
0x8000
30 Kbyte
SRAM Space
0x7FFF
0x8001
Y Data RAM (Y)
Near
Data
8 Kbyte
Space
0x77FE
0x7800
0x77FF
0x7800
LSB
Address
MSB
Address
DMA RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More