| データシートサーチシステム |
|
DSPIC33FJ64GP706 データシート(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP706 データシート(HTML) 162 Page - Microchip Technology |
|
162 / 322 page ![]() dsPIC33FJXXXGPX06/X08/X10 DS70286C-page 160 © 2009 Microchip Technology Inc. FIGURE 13-1: TIMER2/3 (32-BIT) BLOCK DIAGRAM(1) Set T3IF Equal Comparator PR3 PR2 Reset LSb MSb Note 1: The 32-bit timer control bit, T32, must be set for 32-bit timer/counter operation. All control bits are respective to the T2CON register. 2: The ADC event trigger is available only on Timer2/3. Data Bus<15:0> TMR3HLD Read TMR2 Write TMR2 16 16 16 Q QD CK TGATE 0 1 TON TCKPS<1:0> 2 TCY TCS 1x 01 TGATE 00 T2CK ADC Event Trigger(2) Gate Sync Prescaler 1, 8, 64, 256 Sync TMR3 TMR2 16 |