| データシートサーチシステム |
|
AS3658 データシート(PDF) 69 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658 データシート(HTML) 69 Page - ams AG |
|
69 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 68 - 157 AS3658 Data Sheet Confidential - Detail ed Descri ption-Power Management Functions If one of the DCDC step down converters is not used for an application, connect it as follows: Figure 24. DC/DC step-down SD3 (as example) not used Figure 25. DC/DC step-down SD1, SD2, SD3 External Controller Operating Mode; sdx_1A_mode = 1100b Note: VCURR_GPIO has to be connected to VSUPPLY if the external controler mode is used. ! "# # $ $ $ $ $ % $ $ $ $ $# $ # % $ $# # &$ &$ & ' ( ) * ) % + + )( '' &, , &$ - . /&, 01 2 - . 3 4 !-56 23516 23 035 1 3 7 2 ! ( ) $" ' ( ) # |