| データシートサーチシステム |
|
AS3658 データシート(PDF) 70 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658 データシート(HTML) 70 Page - ams AG |
|
70 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 69 - 157 AS3658 Data Sheet Confidential - Detail ed Descri ption-Power Management Functions Figure 26. DC/DC step-down SD1, SD2, SD3 External Controller Operating Mode and SD2 in 1A mode; sd1_1A_mode = 1101b Note: The LDO VDIG2 and the Low voltage current source / GPIO pin CURR1_GPIO1 cannot be used in the ‘External Controller’ operating mode configuration. VCURR_GPIO has to be connected to VSUPPLY if the external controler mode is used. ! "# # $ % $ % $ % & ' ( ) ( * + + (' && %, , % $ - . / %, 01 2 - . 3 4 !-56 23516 23 035 1 3 7 2 ! ' ( $" & ' ( # $ $ $ $ # $ $ $ "# $ # |