データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3665 データシート(PDF) 13 Page - ams AG

部品番号 AS3665
部品情報  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3665 データシート(HTML) 13 Page - ams AG

Back Button AS3665 Datasheet HTML 9Page - ams AG AS3665 Datasheet HTML 10Page - ams AG AS3665 Datasheet HTML 11Page - ams AG AS3665 Datasheet HTML 12Page - ams AG AS3665 Datasheet HTML 13Page - ams AG AS3665 Datasheet HTML 14Page - ams AG AS3665 Datasheet HTML 15Page - ams AG AS3665 Datasheet HTML 16Page - ams AG AS3665 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
12 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Device O pera t in g Mo de
Device Operating Mode
The operating mode is selected according to the following flowchart:
Figure 16. AS3665 operating mode selection
After power on reset, the AS3665 waits until EN=1 and SCL=1 or SDA=1
2and then initializes its internal registers and
program memory. Once standby mode is reached, the program and setup can be download to the AS3665 and by set-
ting chip_en=1 the program can be executed.
2. SCL and SDA is monitored to detect if the I
2C bus is powered. Therefore if EN is not used, it can be tied to
VBAT and the mode selection between shutdown and the other modes is performed by SCL and SDA.



 !"
# $
% &
'& &
( ()(*&
( & ) &#

 +
& )
&,(-& -
(. &
 #( (# # - &
/
##
--&! &
&.( & - +& -
(. &
0 & 1 ( & #&#
/
##
--&! &
&,(-& - +& -
(. &
!
(,&
( +)&
#
(#&
2
))
&
-(,&
- (! &
-! 
-!
- (! &

/
##
--&! &
&,(-& - +& -
(. & 
! . # - +& &3&- &
!
(,& & +)&
#
(#&
2
))
&
( ()(*&
( & ) '&.( & 2

# ( (
& )
& ) (.( ) ! & &
# ( (
(( &
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78