データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3665 データシート(PDF) 4 Page - ams AG

部品番号 AS3665
部品情報  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3665 データシート(HTML) 4 Page - ams AG

  AS3665 Datasheet HTML 1Page - ams AG AS3665 Datasheet HTML 2Page - ams AG AS3665 Datasheet HTML 3Page - ams AG AS3665 Datasheet HTML 4Page - ams AG AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
3 - 77
AS3665
Datasheet, Confidential - P i n o u t P i n D e s c r i p t i o n
D3
EN
Digital input - active high enable for AS3665
D4
CLK32K
Digital clock input - connect a 32.768kHz signal; if this signal is not available,
connect this pin to GND
D5
INT/AUDIO_IN
Depending on the AS3665 configuration INT/AUDIO_IN is a
1. Open drain digital output - interrupt output pin
2. Analog input - audio or ADC signal input
E1
LED5
LED5 output - current source from VCP
E2
LED4
LED4 output - current source from VCP
E3
LED6
LED6 output - current source from VCP
E4
SCL
Digital input - clock input for I
2C communication
E5
SDA
Digital open drain input/output - data input/output for I
2C communication
Table 1. Pin Description for AS3665 (Continued)
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78