| データシートサーチシステム |
|
AS3676 データシート(PDF) 69 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3676 データシート(HTML) 69 Page - ams AG |
|
69 / 92 page ![]() www.austriamicrosystems.com/AS3676 1v1-4 68 - 91 AS3676 Datasheet - D e ta i l e d D e s c r i p t i o n Figure 27. ADC Circuit 8.8 Audio controlled LEDs Up to four RGB LEDs and/or up to 13 LEDs (number of LEDs is fully configurable) can be controlled by an audio source (connected to the pin CURR33, DCDC_FB or GPIO2/LIGHT). The color of the RGB LED(s) or the brightness of the single color LED(s) is depending on the input amplitude. For the RGB LEDs it starts from black transitions to blue, green, cyan, yellow, red and for high amplitudes white is used (internal lookup table if audio_color=000b). !" # $% $% & && ' & & ( ) )) ) *+, -(./01.-+' -& - - 2& 2 2 3 0-(. -(./ 1 ) 14 55 " AS3676 |