| データシートサーチシステム |
|
AS3911 データシート(PDF) 43 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911 データシート(HTML) 43 Page - ams AG |
|
43 / 149 page ![]() ams Datasheet, Confidential: 2013-Oct [2-03] AS3911 – 43 Appl icatio n I n f o rm a t i o n Figure 28: SPI Communication: Direct Command Direct Command Chaining Direct commands with immediate execution can be followed by another SPI mode (Read, Write or FIFO) without deactivating /SS signal in between. Figure 29: Direct Command Chaining 1 1 C5 C4 C3 C2 C1 C0 X X SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled /SS rising edge signals start of command execution Two leading ONE indicate COMMAND Mode /SS SCLK MOSI /SS Direct Command Read, Write or FIFO Mode |